PART |
Description |
Maker |
LC-FSLC-S190N-W-0408A FSLC-S190N-W |
2012 Size 1.92/1.98GHz Band Chip Multilayer Coupler
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
LC-FSLC-S170E-0408A FSLC-S170E |
2012 Size Chip Multilayer Coupler
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
MCH218A105J MCH218A105K MCH218A105M MCH218A105Z |
2012(0805)Size chip capacitors : MCH21
|
Rohm
|
LC-FSLC-S090T-P-0409A FSLC-S090T-P |
2012 Size 925/960 MHz Chip Multilayer Coupler
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
LC-FSLC-S090S-G-0406A FSLC-S090S-G |
2012 Size 869/915 MHz Chip Multilayer Coupler
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
LC-FSLC-S090S-A-0406A FSLC-S090S-A |
2012 Size 800/850 MHz Chip Multilayer Coupler
|
HITACHI-METALS[Hitachi Metals, Ltd]
|
BMR457 BMR4570000/002 BMR4570004/001 BMR4570007/01 |
2012-07-27 Zhou 2012-08-24 Fully regulated Advanced Bus Converters Input 36-75 V, Output up to 25 A / 300 W
|
Ericsson
|
B82498-B1102- B82498-B1122- B82498-B1152- B82498-B |
INDUKTIVITAET KIT SIMID08 INDUKTIVITAET盒SIMID08 Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 2,7 to 4700 nH Rated current 90 to 1000 mA
|
EPCOS AG EPCOS[EPCOS]
|
LC-FSLC-S090M-P1-0406A FSLC-S090M-P1 |
925 MHz - 960 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX 2012 Size 925/960 MHz
|
Hitachi Metals, Ltd. HITACHI-METALS[Hitachi Metals, Ltd]
|
BP2400B0603AT |
Surface mount band pass filter with a small size of 1.6 X 0.8 X 0.7 mm, RoHS compliant.
|
Frontier Electronics.
|